PART |
Description |
Maker |
11-11-0320 69008-0972 63600-0479 63819-4870 63819- |
The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the scope.
|
Molex Electronics Ltd.
|
GS16S-120 GS3-0.5 GS3-1 GS3-2.5 GS3.5-0.5 GS3.5-1 |
120 mm2, WIRE TERMINAL RING TONGUE TERMINAL Non-insulated DIN 46234 1.5 mm2, WIRE TERMINAL 10 mm2, WIRE TERMINAL 16 mm2, WIRE TERMINAL
|
J S T MFG CO LTD List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
2024D-8 1309Z-12 1309Z-14 1309Z-16 1250B-1 1250B-1 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
08-65-0118 000850-0116 0008-50-0116 08-58-0127 000 |
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED KK 156 TERMINAL CRIMP 18-20 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL KK 156 TERMINAL CRIMP 18-20 AWG GOLD PHOSPHOR BRONZE, GOLD (15) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
57.504.0055.0 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Gray; Current Rating:35A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 35 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
SRC-51T-M3.5 SRC-50T-M3.5 SRA-01T-3.2 SRA-20-3.2 S |
RING TONGUE TERMINAL 0.5 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
List of Unclassifed Manufacturers J S T MFG CO LTD
|
72118-C |
9.53mm Pitch Beau PCB Terminal Strip, Screw Terminal, 18 Circuits
|
Molex Electronics Ltd.
|
05-02-0091 |
CRIMP TERMINAL 1457-6 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
|